Part Number Hot Search : 
13006 D1408 55C12 T7808CT 02010 NCP2890D DDZX9691 MJE244
Product Description
Full Text Search
 

To Download G3208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 1.3 feb 11, 2010 tel: 886-3-5788833 http://www.gmt.com.tw 1 G3208 global mixed-mode technology inc. dual 0.75 spdt analog switch features ? low on-state resistance 0.75 at 4.5v vcc ? 2.25v to 5.5v power supply (v + ) ? isolation in power-down mode ? 1.65v to 1.95v logic supply (v io ) ? control inputs referenced to v io ? low charge injection ? ? ? excellent on resistance matching ? low supply current (<1 a) ? break-before-make enable circuitry ? wlcsp3x4-12 package ? com1 port to gnd 8kv hbm esd ? com2 port to gnd 8kv hbm esd applications ? cell phones ? pdas ? portable instrumentation general description the G3208 is a low on-resistance, dual channel spdt (single-pole/double-throw) analog switch that oper- ates from a 2.25v to 5.5v supply. the device offers an excellent on-resistance matching, and low total har- monic distortion (thd) performance. the device is designed for fast switching speeds with the break- before-make feature to prevent signal distortion during the transferring of signal from one channel to another. these features make this device suitable for portable audio applications. the G3208 has a separate logic supply pin (v io ) that is characterized to operate from 1.65v to 1.95v. v io powers the control circuitry, which allows the G3208 to be controlled by 1.8v signals. the G3208 is available in the wlcsp3x4-12 pack- age. ordering information order number marking temp. range package (green) G3208b51d 3208 -40 c to 85 c wlcsp3x4-12 note: b5: wlcsp3x4-12 1: bonding code d: tape & reel pin configuration a1 12 bump wlcsp no1 in1 bottom view wlcsp3x4-12 in2 no2 b1 c1 nc1 com1 com2 nc2 d1 b2 a2 d2 c2 b3 a3 d3 c3 v+ v io gnd gnd a1 12 bump wlcsp no1 in1 bottom view wlcsp3x4-12 in2 no2 b1 c1 nc1 com1 com2 nc2 d1 b2 a2 d2 c2 b2 a2 d2 c2 b3 a3 d3 c3 v+ v io gnd gnd


▲Up To Search▲   

 
Price & Availability of G3208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X